Part Number Hot Search : 
ST89E 200000 BHGAAN GSM075L 100V1 BZX55C12 SMS51 XC6109N2
Product Description
Full Text Search
 

To Download BD136 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BD136 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-126f ?? pnp ?? silicon pnp transistor in a to-126f plastic package.  bd135  complement to bd135. ?? medium power linear and switching applications. pin1 emitter pin 2 collector pin 3 base ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol 6 10 16 h fe range 40 100 63 160 100 250 3 2 1
BD136 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -45 v collector to emitter voltage v ceo -45 v emitter to base voltage v ebo -5.0 v collector current - continuous i c -1.5 a collector current ? continuous i cp -3.0 a base current ? continuous i b -0.5 a collector power dissipation p c 1.25 w collector power dissipation p c (tc=25 ) 12.5 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to emitter breakdown v oltage v ceo i c =-30ma i b =0 -45 v collector cut-off current i cbo v cb =-30v i e =0 -0.1 a emitte r cut-off current i ebo v eb =-5.0v i c =0 -10 a dc current gain h fe(1) v ce =-2.0v i c =-150ma 40 250 h fe(2) v ce =-2.0v i c =-500ma 25 h fe(3) v ce =-2.0v i c =-5.0ma 25 collector to emitter saturation v oltage v ce(sat) i c =-500ma i b =-50ma -0.5 v base to emitter on voltage v be(on) v ce =-2.0v i c =-500ma -1.0 v ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
BD136 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
BD136 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
BD136 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br   ?? BD136  ??? 16:    ? h fe ? ****  ???? note: br:   company code BD136:  product type. 16: h fe classifications symbol ****:  lot no. code, code change with lot no. br **** BD136 16
BD136 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-126/f 500 6 3,000 5 15,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-126/f 65 26 1,690 5 8,450 532315.6 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of BD136

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X